PART |
Description |
Maker |
MC68HC11E0MFN2 MC68HC11E20MFN2 MC68HC11E9FN3 MC68H |
(MC68HC711E Series) Microcontrollers Microcontrollers 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQFP52 Microcontrollers 8-BIT, EEPROM, 3 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, EEPROM, 2 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQCC52 Microcontrollers 8-BIT, UVPROM, 2 MHz, MICROCONTROLLER, CQCC52 Microcontrollers 8-BIT, 2 MHz, MICROCONTROLLER, PDIP56 Microcontrollers 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, UVPROM, 3 MHz, MICROCONTROLLER, CQCC52 POT 20K OHM 1/2 SQ CERM SL MT 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP64 POT 2.0K OHM 1/2 SQ CERM SL MT 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQCC52 56 PF 2% 50V NPO (0805) CHIP CAP 8-channel, 8-bit analog-to-digital (A/D) converter
|
MOTOROLA INC Motorola Mobility Holdings, Inc. Motorola, Inc.
|
AT91SAM7S128 AT91SAM7S128-AI AT91SAM7S12804 |
Atmels AT91SAM7S128 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... THUMB BASED MICROCONTROLLERS AT91 ARM Thumb-based Microcontrollers
|
ATMEL Corporation
|
KLCS-47E KMP47C1660F KMP47C1660N KMP47C1237N KMP47 |
4-BIT MICROCONTROLLERS 4位微控制 (KMP47C1xx) 4-BIT MICROCONTROLLERS (KMP47C421 - KMP47C423) 4-BIT MICROCONTROLLERS
|
Korea Electronics (KEC) KEC Holdings KEC[KEC(Korea Electronics)] http://
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
AT91SAM7S256 AT91SAM7S256-AI |
Atmels AT91SAM7S256 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... AT91 ARM THUMB-BASED MICROCONTROLLERS
|
ATMEL Corporation
|
C505C SAFC505C-2RM SABC505C-LM SAFC505C-LM SAKC505 |
8-Bit Microcontrollers - General Description: The C505C enhances the C500 family of 8-bit Microcontrollers by a new member which provides full CAN version 2.0 B integrated on-chip. The C505C meets the current requirements for increasingly
|
Infineon
|
MB89589B MB89585BW MB89585B MB89583BW MB89583B E71 |
F2MC-8L/Low Power/Low Voltage Microcontrollers Micro controller 8-Bit Proprietary F2MC-8L Family Internal USB Product From old datasheet system 8-bit Proprietary Microcontrollers
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
MB95136MBPF MB95136MBPFV MB95136MB MB95F134NBSPFV |
8-BIT SINGLE CHIP MICROCONTROLLERS 8-bit Microcontrollers
|
Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|
SABC515C-LM SAFC515C-LM SABC515C-8EM SABC515C-8RM |
8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (10MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (10MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (10MHz)
|
Infineon
|
HCS12 |
HCS12 Microcontrollers HCS12 Microcontrollers
|
Freescale Semiconductor, Inc
|
LC66358S LC66556A LC665312A LC66P5316 LC662304A LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
SAF-TC1130-L100EBBA SAF-TC1130-L150EBBA |
32-Bit Industrial &Communication Controller 32-Bit Microcontrollers - 100 MHZ, -40C/ 85c 32-Bit Microcontrollers - 150 MHZ, -40C/ 85c
|
Infineon
|